Part Number Hot Search : 
1SMB36A 1N6268A AB019B MB100 KA388 31000 5A222G 5Z8V2
Product Description
Full Text Search
 

To Download 2SC5517 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Power Transistors
2SC5517
Silicon NPN triple diffusion mesa type
For horizontal deflection output
Unit: mm
15.50.5
4.5
10.0
s Features
q q q
3.20.1 5
26.50.5
3.00.3
High breakdown voltage, and high reliability through the use of a glass passivation layer High-speed switching Wide area of safe operation (ASO) (TC=25C)
Ratings 1700 1700 5 12 6 3 40 3 150 -55 to +150 Unit V V V A A A W C C
5
23.4 22.00.5
2.0 1.2
5
18.60.5
5 5
s Absolute Maximum Ratings
Parameter Collector to base voltage Collector to emitter voltage Emitter to base voltage Peak collector current Collector current Base current Collector power TC=25C dissipation Ta=25C Junction temperature Storage temperature Symbol VCBO VCES VEBO ICP IC IB PC Tj Tstg
4.0 2.00.2 1.10.1
2.0
0.70.1
5.450.3
3.30.3 0.70.1
5.450.3
5.50.3
5
1
2
3
2.0
1:Base 2:Collector 3:Emitter TOP-3E Full Pack Package
s Electrical Characteristics
Parameter Collector cutoff current Emitter to base voltage Forward current transfer ratio Collector to emitter saturation voltage Base to emitter saturation voltage Transition frequency Storage time Fall time Diode forward voltage
(TC=25C)
Symbol ICBO VEBO hFE VCE(sat) VBE(sat) fT tstg tf VF Conditions VCB = 1000V, IE = 0 VCB = 1700V, IE = 0 IE = 500mA, IC = 0 VCE = 5V, IC = 4.5A IC = 4.5A, IB = 0.9A IC = 4.5A, IB = 0.9A VCE = 10V, IC = 0.1A, f = 0.5MHz IC = 4.5A, IB1 = 0.9A, IB2 = -1.8A IF = 4.5A 3 5.0 0.5 -2 5 5 10 3 1.5 V V MHz s s V min typ max 50 1 Unit A mA V
1
Power Transistors
PC -- Ta
100
2SC5517
Area of safe operation, horizontal operation ASO
20 f=15.75kHz, TC<90C Area of safe operation with respect to the single pulse overload curve at the time of switching ON, shutting down by the high voltage spark, holding down and like that, during horizontal operation.
Collector power dissipation PC (W)
90 80 70 60 50 40 30 20 10 0 0 20 40 (2) (3) (1)
(1) TC=Ta (2) With a 100 x 100 x 2mm Al heat sink (3) Without heat sink
Collector current IC (A)
15
10
5
0 60 80 100 120 140 160 0 500 1000
<1mA 1500 2000
Ambient temperature Ta (C)
Collector to emitter voltage VCE (V)
2


▲Up To Search▲   

 
Price & Availability of 2SC5517

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X